Part Number Hot Search : 
HYB31 H5208CPE BLFY455C LD6805K BU150 LR2908 24SO2 00LVE
Product Description
Full Text Search
 

To Download 1N5617GP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 1n5615gp thru 1n5623gp vishay semiconductors formerly general semiconductor document number 88522 www.vishay.com 28-feb-02 1 glass passivated junction fast switching rectifier reverse voltage 200 to 1000 v forward current 1.0 a patented* maximum ratings & thermal characteristics ratings at 25c ambient temperature unless otherwise specified. 1n 1n 1n 1n 1n parameter symbols 5615gp 5617gp 5619gp 5621gp 5623gp units * maximum repetitive peak reverse voltage v rrm 200 400 600 800 1000 v * maximum rms voltage v rms 140 280 420 560 700 v * maximum dc blocking voltage v dc 200 400 600 800 1000 a * maximum average forward rectified current 0.375" (9.5mm) lead length at t a =55c i f(av) 1.0 a * peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fsm 50 a typical thermal resistance (1) r ja 45 c/w *operating junction and storage temperature range t j ,t stg -65 to +175 c electrical characteristics ratings at 25c ambient temperature unless otherwise specified. 1n 1n 1n 1n 1n parameter symbols 5615gp 5617gp 5619gp 5621gp 5623gp units maximum instantaneous forward voltage at 1.0a v f 1.2 v maximum dc reverse current t a =25c 0.5 at rated dc blocking voltage t a =100c i r 25 a *maximum reverse recovery time at i f =0.5a, i r =1.0a, i rr =0.25a t rr 150 250 300 500 ns typical junction capacitance at 4.0v, 1mhz c j 25 pf notes: (1) thermal resistance from junction to ambient at 0.375? (9.5mm) lead length, p.c.b. mounted *jedec registered values features  plastic package has underwriters laboratories flammability classification 94v-0  high temperature metallurgically bonded construction  cavity-free glass passivated junction  capable of meeting environmental standards of mil-s-19500  fast switching for high efficiency  1.0 ampere operation at t a =55c with no thermal runaway  high temperature soldering guaranteed: 350c/10 seconds, 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension mechanical data case: jedec do-204ac, molded plastic over glass body terminals: plated axial leads, solderable per mil-std- 750, method 2026 polarity: color band denotes cathode end mounting position: any weight: 0.015 oz., 0.4 g 0.034 (0.86) 0.028 (0.71) dia. 0.140 (3.6) 0.104 (2.6) dia. 0.230 (5.8) 0.300 (7.6) 1.0 (25.4) min. 1.0 (25.4) min. dimensions in inches and (millimeters) * glass-plastic encapsulation technique is covered by patent no. 3,996,602 and brazed-lead assembly by patent no. 3,930,306 do-204ac (do-15)
1n5615gp thru 1n5623gp vishay semiconductors formerly general semiconductor www.vishay.com document number 88522 2 28-feb-02 ratings and characteristic curves (t a = 25 c unless otherwise noted) ambient temperature ( c) fig. 1 ? forward current derating curves average forward rectified current (a) fig. 3 ? typical instantaneous forward characteristics instantaneous forward voltage (v) instantaneous forward current (a) percent of rated peak reverse voltage (%) instantaneous reverse current ( a) fig. 4 ? typical reverse characteristics fig. 5 ? typical junction capacitance number of cycles at 60 h z reverse voltage (v) fig. 2 ? maximum non-repetitive peak forward surge current junction capacitance (pf) fig. 6 ? typical transient thermal impedance t, pulse duration (sec.) typical thermal impedance ( cw) peak forward surge current (a) 25 50 75 100 125 150 175 0 0.25 0.5 0.75 1.0 1 10 100 0 10 20 30 40 50 60 0.4 0.6 0.8 1.0 1.2 1.4 1.6 0.01 0.1 1 10 0 20 40 60 80 100 0.01 0.1 1 10 20 1 10 100 1 10 100 0.01 0.1 1 10 100 0.1 1 10 100 t j = 125 c t j = 25 c 0.375" (9.5mm) lead length resistive or inductive load t j = 75 c t a = 55 c 8.3ms single half sine-wave (jedec method) pulse width = 300 s 1% duty cycle t j = 25 c t j = 25 c f = 1.0mh z vsig = 50mvp-p


▲Up To Search▲   

 
Price & Availability of 1N5617GP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X